Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download 2SA1022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1022
Silicon PNP epitaxial planer type
For high-frequency amplification Complementary to 2SC2295
Unit: mm
s Features
q q
2.8 -0.3 0.650.15
+0.2
+0.25 1.5 -0.05
0.650.15
0.95
High transition frequency fT. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
0.95
2.9 -0.05
1
1.90.2
+0.2
3 0.4 -0.05
+0.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg
2
1.45
+0.2 1.1 -0.1
Ratings -30 -20 -5 -30 200 150 -55 ~ +150
Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
JEDEC:TO-236 EIAJ:SC-59 Mini Type Package
Marking symbol : E
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise figure Reverse transfer impedance Common emitter reverse transfer capacitance
(Ta=25C)
Symbol ICBO ICEO IEBO hFE* VCE(sat) VBE fT NF Zrb Cre Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 VEB = -5V, IC = 0 VCE = -10V, IC = -1mA IC = -10mA, IB = -1mA VCE = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE = 1mA, f = 5MHz VCB = -10V, IE = 1mA, f = 2MHz VCE = -10V, IC = -1mA f = 10.7MHz 150 70 - 0.1 - 0.7 300 2.8 22 1.2 min typ max - 0.1 -100 -10 220 V V MHz dB pF Unit A A A
*h
FE
Rank classification
Rank hFE B 70 ~ 140 EB C 110 ~ 220 EC
Marking Symbol
0 to 0.1
0.1 to 0.3 0.40.2
0.8
0.16 -0.06
+0.1
1
Transistor
PC -- Ta
240 -30 Ta=25C 200 -25
2SA1022
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
160
-20
IB=-250A -200A
120
-15 -150A -10 -100A -50A
80
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
40
-5
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
120 6
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-10V IE=0 f=1MHz Ta=25C
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
5 IC=-1mA f=10.7MHz Ta=25C 4
Forward current transfer ratio hFE
100
Ta=75C
5
80
25C -25C
4
3
60
3
2
40
2
20
1
1
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
fT -- IE
600 VCB=-10V Ta=25C 24
PG -- IC
VCE=-10V f=100MHz Ta=25C 5
NF -- IE
VCB=-10V f=100MHz Ta=25C 4
Transition frequency fT (MHz)
500
20
400
16
Noise figure NF (dB)
-1 -3 -10 -30 -100
Power gain PG (dB)
3
300
12
2
200
8
100
4
1
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
0 0.1
0.3
1
3
10
Emitter current IE (mA)
Collector current IC (mA)
Emitter current IE (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SA1022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X